PART |
Description |
Maker |
ISL54233IRTZ ISL54233IRTZ-T ISL54233IRUZ-T ISL5423 |
Wideband Differential 3:1 Multiplexer
|
Intersil Corporation
|
BFE505 |
NPN wideband differential transistor
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
TDA8928J TDA8928ST |
Power stage 2 x 10 or 1 x 20 W class-D audio amplifie
|
Philips Semiconductors
|
SX1701B SX1701BI085TRT |
Highly linear wideband LNA Multi-channel, single-ended to differential conversion
|
Semtech Corporation
|
SX1701A SX1701AI085TRT |
Highly linear wideband LNA Single-channel, single-ended to differential conversion
|
Semtech Corporation
|
TDA9901 TDA9901TS |
Wideband differential digital controlled variable gain amplifier
|
NXP Semiconductors
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
BFG520W BFG520W_X BFG520W/X |
NPN 9GHz wideband transistor(NPN 9G赫兹 宽带晶体 NPN 9 GHz wideband transistors
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
INA-32063 INA-32063-BLK INA-32063-TR2 INA-32063-TR |
3.0千兆赫宽带硅射频放大器(3.0千兆赫宽频带硅射频集成电路放大器 3.0 GHz Wideband Silicon RFIC Amplifier(3.0 GHz 宽频带硅射频集成电路放大 3V Fixed Gain. Wideband Amplifier
|
Agilent(Hewlett-Packard)
|
HS-2600RH 5962D9567101VPC HS7B-2600RH-Q HS7-2600RH |
Radiation Hardened Wideband/ High Impedance Operational Amplifier Radiation Hardened Wideband, High
Impedance Operational Amplifier(抗辐射宽带、高阻抗运算放大 CONNECTOR ACCESSORY Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 12 MHz BAND WIDTH, CDIP8 Radiation Hardened Wideband, High Impedance Operational Amplifier OP-AMP, 6000 uV OFFSET-MAX, CDIP8
|
Intersil Corporation Intersil, Corp. http://
|
HA3-2625-5 HA9P2625-5 HA9P2625-9 HA-2620 HA-2625 H |
From old datasheet system 100MHz High Input Impedance Very Wideband Uncompensated Operational Amplifiers 100MHz/ High Input Impedance/ Very Wideband/ Uncompensated Operational Amplifiers INDUCTOR PWR TOROID 2.5UH SMD 100MHz, High Input Impedance, Very Wideband, Uncompensated Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 100 MHz BAND WIDTH, PDSO8
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|